PART |
Description |
Maker |
SM16LC03C-6 SM16LC05C-6 SM16LC12C-6 SM16LC15C-6 SM |
Transient Voltage Suppressor TVSarray Series From old datasheet system
|
MICROSEMI[Microsemi Corporation]
|
USB50824C USB50803C USB50805C USB50812C USB50815C |
TVSarray Series From old datasheet system
|
MICROSEMI[Microsemi Corporation]
|
TA8552AFN02 |
PLL Data Synchronizer For DAT Streamer
|
Toshiba Semiconductor
|
ON2175 |
Reflective photosensor Tape end sensor for DAT
|
Panasonic Corporation
|
ON2175 CNB1304H |
From old datasheet system Reflective photosensor Tape end sensor for DAT
|
PANASONIC[Panasonic Semiconductor]
|
USB0803C-A USB0805C-A USB0824C-A USB0812C-A USB081 |
Bidirectional TVSarray
|
Micro Commercial Components MICROSEMI[Microsemi Corporation]
|
SRLC05 |
Low Capacitance TVSarray
|
Microsemi Corporation
|
USB0803CSO8PC USB0803CS08PC |
Transient Voltage Suppressor Bidirectional TVSarray
|
Microsemi Corporation
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
F-CBS-F1 F-CBS-F3 F-CBS-F5 F-CBS-F2 |
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
|
List of Unclassifed Man...
|
831-002 |
GT Gas Tube Assemblies for MIL-DTL-38999 Series II, Glenair Series 79 and Series 80
|
Glenair, Inc.
|
1274045-1 |
F Series and G Series; PLUG,VERTICAL,PCB,G SERIES ( AMP )
|
Tyco Electronics
|